Part Number Hot Search : 
12IO7 XXXJXX 02228 ST104 SZ4681 0402C AS1112 2N6547
Product Description
Full Text Search
 

To Download SL1016T-121K-B-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  choke coils sl type sl0406 series features electrical parameters test instruments ?low cost ?wide range of inductance ?high reliability product identification dimensions sl0406-1r0k-d2 sl0406-1r2k-d2 sl0406-1r5k-d2 sl0406-1r8k-d2 sl0406-2r2k-d2 sl0406-2r7k-d2 sl0406-3r3k-d2 sl0406-3r9k-d2 sl0406-4r7k-d2 sl0406-5r6k-d2 sl0406-6r8k-d2 sl0406-8r2k-d2 sl0406-100k-d2 sl0406-120k-d2 sl0406-150k-d2 sl0406-180k-d2 sl0406-220k-d2 sl0406-270k-d2 sl0406-330k-d2 sl0406-390k-d2 sl0406-470k-k sl0406-560k-k sl0406-680k-k sl0406-820k-k sl0406-101k-k sl0406-121k-k sl0406-151k-k sl0406-181k-k sl0406-221k-k sl0406-271k-k sl0406-331k-k sl0406-391k-k sl0406-471k-k sl0406-561k-k sl0406-681k-k sl0406-821k-k 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 0.796 50 50 55 70 75 80 80 80 75 75 70 70 80 80 80 75 75 75 75 70 70 65 60 55 80 80 80 75 75 70 70 70 70 70 70 70 105 90 75 75 65 60 50 45 40 35 30 25 20 18 17 15 13 11 10.5 10.0 9.5 9.0 8.5 7.5 7.0 6.2 5.8 5.4 4.9 3.9 3.7 3.3 3.0 2.2 2.0 1.8 0.15 0.15 0.20 0.20 0.25 0.25 0.25 0.30 0.30 0.35 0.35 0.35 0.60 0.65 0.75 0.85 1.00 1.20 1.30 1.50 1.60 1.65 1.80 1.85 2.00 2.50 3.00 3.50 4.00 5.00 6.00 6.50 7.50 8.00 8.50 9.50 300 300 300 300 300 300 300 300 300 300 300 300 300 200 200 200 200 200 200 200 200 200 200 200 200 100 100 100 100 100 50 50 50 50 50 50 ? l & q : hp 4385 + hp 42851a ? srf : hp4287a ? rdc : chen hwa502bc ? idc : chen hwa ch1061+301a * customers specifications are welcome. yageo the part number of lead-free products will be added "-n" after original one as identifcation. ex: sl0406 -1r0k-d2-n yageo uses ul tube on sl series to avoid damage when wave soldering customized specifcations are aiso welcome item induc- tance l (h) test freq. (mhz) standard spec. q min. s.r.f. min. (mhz) d.c. resistance max. (?) idc (ma) sl 04 06 - 151 k - k material tolerance (k: 10%, m:20%) inductance 150h outer type t : ul or pvc tube c : clear coating b dim. a dim. choke coils sl type dimensions : mm
choke coils sl type sl0608 series features electrical parameters test instruments ?low cost ?wide range of inductance ?high reliability product identification dimensions ? l & q : hp 4285 + hp 42851a ? rdc : chen hwa502bc * customers specifications are welcome. yageo the part number of lead-free products will be added "-n" after original one as identifcation. ex: sl0608 -102k-b-n yageo uses ul tube on sl series to avoid damage when wave soldering customized specifcations are aiso welcome item sl 06 08 - 102 k - b material tolerance (k: 10%) inductance 1mh outer type t : ul tube c : clear coating core ht dim core od dim choke coils sl type dimensions : mm sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 sl0608 -102k-b -122k-b -152k-b -182k-b -222k-b -272k-b -332k-b -392k-b -472k-b -562k-b -682k-b -822k-b -103k-b -123k-b -153k-b -183k-b -223k-b -273k-b -333k-b -393k-b -473k-b 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 252 252 252 252 252 252 252 252 252 252 252 252 79.6 79.6 79.6 79.6 79.6 79.6 79.6 79.6 79.6 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 80 4.0 4.7 5.9 6.0 7.3 9.0 10 11 15 16 22 25 32.5 53 62 68 78 90 150 160 190 110 95 90 80 70 65 60 55 52 50 45 40 35 32 30 28 25 22 20 16 15 inductance l (mh) test freq. (mhz) q. min. d.c. resistance max. (?) idc (ma)
choke coils sl type sl1016 series product identification dimensions dimensions : mm features electrical parameters test instruments sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 sl1016 -4r7k-b -6r8k-b -8r2k-b -100k-b -120k-b -150k-b -180k-b -220k-b -330k-b -470k-b -560k-b -680k-b -101k-b -121k-b -151k-b -181k-b -221k-b -271k-b -331k-b -391k-b -471k-b -561k-b -681k-b -821k-b -102k-b -122k-b -152k-b -182k-b -222k-b -332k-b -472k-b -682k-b -752k-b -822k-b -103k-b -123k-b -153k-b -223k-b 4.7 6.8 8.2 10 12 15 18 22 33 47 56 68 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 3300 4700 6800 7500 8200 10000 12000 15000 22000 0.018 0.020 0.022 0.027 0.024 0.031 0.039 0.039 0.047 0.053 0.068 0.078 0.099 0.128 0.182 0.195 0.312 0.32 0.39 0.40 0.49 0.52 0.88 0.89 1.50 1.15 1.3 1.9 2.0 4.6 5.6 7.0 7.7 10.4 11.7 13.8 15.6 23.4 10 10 10 7.6 7.5 6.5 6.0 5.4 4.4 3.8 3.4 3.0 2.5 2.0 1.8 1.6 1.4 1.3 1.2 1.1 1.0 0.95 0.80 0.75 0.65 0.60 0.52 0.50 0.45 0.35 0.30 0.25 0.24 0.23 0.18 0.16 0.15 0.10 ?low cost ?wide range of inductance ?high reliability ?l : hp 4263b @ 1khz, 1v ?idc : chen hwa ch1061+301a ?rdc : chen hwa502bc ?customers specifications are welcome. item inductance l (h) d.c. resistance max. (?) idc (a) yageo the part number of lead-free products will be added "-n" after original one as identifcation. ex: sl1016 -4r7k-b-n yageo uses ul tube on sl series to avoid damage when wave soldering customized specifcations are aiso welcome sl 10 16 - 102 k - b material tolerance (k : 10%) inductance 1000h outer type c : clear coating t : ul or pvc tube core ht dim core od dim choke coils sl type


▲Up To Search▲   

 
Price & Availability of SL1016T-121K-B-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X